Part Number Hot Search : 
ZTX1053A AN7924T 1FT8A MC34011P MC145143 M101AC BTZS4689 EGA64
Product Description
Full Text Search
 

To Download QTE-040-09-H-D-A-K-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (0,80 mm) .0315" qte series qte?060?01?l?d?a qte?040?01?l?d?a qte?014?01?f?d?dp?a integral metal plane for power or ground standard stack heights from 5 mm to 25 mm www.samtec.com for complete speci cations and recommended pcb layouts see www.samtec.com?qte insulator material: liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50? (1,27 ?) ni current rating: contacts: 1.3a per contact @ 95? ground plane: 10.1a per ground plane @ 95? operating temp range: -55? to +125? voltage rating: 225 vac mated with qse & 5 mm stack height max cycles: 100 rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,10 mm) .004" max (020-060) board stacking: for applications requiring more than two connectors per board contact ipg@samtec.com ??l board mates: qse cable mates: eqcd, eqsd, eqdp, eqrf (see application speci c note) ? 14mm, 15 mm, 22 mm and 30 mm stack height (caution: some automatic placement/inspection machines may have component height restrictions. please consult machinery speci cations.) ? 30? (0,76 ?) gold (specify -h plating for data rate cable mating applications.) ?edge mount ? 56(-dp), 80, 100 positions per row ? guide posts, screw down & friction lock ?retention option call samtec. application specific option f-213 *note: ? plating passes 10 year mfg testing note: some lengths, styles and options are non-standard, non-returnable. qte pins per row no. of pairs plating option ?020, ?040, ?060 (40 total pins per bank = ?d) ?014, ?028, ?042 (14 pairs per bank = ?d?dp) ?f = gold flash on signal pins and ground plane, matte tin on tails ?l = 10" (0,25 m) gold on signal pins and ground plane, matte tin on tails ?c* = electro-polished selective 50" (1,27 m) min au over 150" (3,81 m) ni on signal pins in contact area, 10" (0,25 m) min au over 50" (1,27 m) ni on ground plane in contact area, matte tin over 50" (1,27 m) min ni on all solder tails ?d = single-ended ?d?dp = differential pair (?01 only) lead style type a other option ?k = (7,00 mm) .275" dia polyimide film pick & place pad ?tr = tape & reel packaging (n/a on 56 & 80 positions or -05 & -07 lead style) ?l = latching option (n/a on 42, 56, 60 & 80 positions) specify lead style from chart specifications ? high speed ground plane header extended life product 10 year mixed flowing gas with 50" gold tm call samtec for maximum cycles mated with qse qte/qse 5 mm stack height type rated @ 3db insertion loss with pcb effects* w/o pcb effects** single-ended signaling ?d 9 ghz / 18 gbps 9 ghz / 18 gbps differential pair signaling ?d 8 ghz / 16 gbps 14 ghz / 28 gbps differential pair signaling ?dp 8.5 ghz / 17 gbps 13.5 ghz / 27 gbps *performance data includes effects of a non-optimized pcb. **test board losses de-embedded from performance data. performance data for other stack heights and complete test data available at www.samtec.com?qte or contact sig@samtec.com (5,97) .235 (0,76) .030 (0,89) .035 dia (20,00) .7875 ? = (no. of positions per row/20) x (20,00) .7875 ??p = (no. of positions per row/14) x (20,00) .7875 (0,20) .008 (0,80) .0315 01 02 (7,11) .280 a (0,64) .025 qte lead style a height with qse* ?01 (4,27) .168 (5,00) .197 ?02 (7,26) .286 (8,00) .315 ?03 (10,27) .404 (11,00) .433 ?04 (15,25) .600 (16,00) .630 ?05 (18,26) .718 (19,00) .748 ?07 (24,24) .954 (25,00) .984 *processing conditions will affect mated height. also available board spacing standoffs. see so series. f i n a l i n c h . c o m ? 100 gbe xaui pci express ? sata mgt (rocket i/o) infiniband ? download app notes at www.samtec.com/appnote contact sig @ samtec.com for questions on protocols protocols supported


▲Up To Search▲   

 
Price & Availability of QTE-040-09-H-D-A-K-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X